|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FR601G thru FR607G GLASS FAST RECOVERY RECTIFIERS REVERSE VOLTAGE - 50 to 1000 Volts FORWARD CURRENT - 6.0 Amperes R-6 FEATURES Fast switching for high efficiency Low cost Diffused junction Low reverse leakage current Low forward voltage drop High current capability The plastic material carries UL recognition 94V-0 1.0(25.4) MIN .052(1.3) DIA .048(1.2) .360(9.1) .340(8.6) 2100 .360(9.1) DIA .340(8.6) MECHANICAL DATA Case: JEDEC R-6 molded plastic Polarity: Color band denotes cathode Weight: 0.07 ounces , 2.1 grams Mounting position: Any 1.0(25.4) MIN Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 ambient temperature unless otherwise specified. Single phase, half wave ,60Hz, resistive or inductive load. For capacitive load, derate current by 20% CHARACTERISTICS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surage Current 8.3ms Single Half Sine-Wave Super Imposed on Rated Load(JEDEC Method) Peak Forward Voltage at 6.0A DC(Note1) Maximum DC Reverse Current at Rated DC Blocking Voltage @TJ=25 @TJ=100 @TA=75 SYMBOL FR601G FR602G FR603G FR604G FR605G FR606G FR607G VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 400 280 400 6.0 600 420 600 800 560 800 1000 700 1000 UNIT V V V A IFSM VF IR TRR CJ RJA TJ TSTG 150 140 300 1.3 5.0 100 250 70 32 -55 to +150 -55 to +150 500 A V A nS pF /W Maximum Reverse Recovery Time(Note 1) Tyical Junction Capacitance (Note2) Tyical Thermal Resistance (Note3) Operating Temperature Range Storage Temperature Range NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A 2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC 3.Thermal resistance junction of ambient. ~ 73 ~ RATING AND CHARACTERTIC CURVES FR601G thru FR607G FIG. 1 - FORWARD CURRENT DERATING CURVE PEAK FORWARD SURGE CURRENT, AMPERES 6.0 5.0 4.0 3.0 2.0 1.0 0 0 25 50 75 100 125 150 FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 400 AVERAGE FORWARD CURRENT AMPERES 300 200 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 100 PULSE WIDTH 8.3ms SINGLE HALF-SINE-WAVE (JEDEC METHOD) 0 1 2 5 10 20 50 100 AMBIENT TEMPERATURE () NUMBER OF CYCLES AT 60Hz FIG.3 - TYPICAL JUNCTION CAPACITANCE 1000 INSTANTANEOUS FORWARD CURRENT,(A) 1000 FIG.4-TYPICAL FORWARD CHARACTERISTICS 100 CAPACITANCE, (pF) 100 FR601G - FR604G 10 TJ = 25C 1.0 FR605G - FR607G TJ = 25C f = 1 MHz 0.1 0 0.2 0.4 0.6 0.8 PULSE WIDTH 300us 10 1 4 10 100 1.0 1.2 1.4 1.6 1.8 REVERSE VOLTAGE ,VOLTS INSTANTANEOUS FORWARD VOLTAGE ,VOLTS ~ 74 ~ |
Price & Availability of FR601G-FR607G |